Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 313 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 313 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 309Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 310Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 311Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 312Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 313Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 314Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 315Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 316Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 317Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
C C
A
Reset 0x00000200
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
C
RW DTX
Default TX value
Specifies what the RADIO will transmit when it is not
started, i.e. between:
RADIO.EVENTS_READY and RADIO.TASKS_START
RADIO.EVENTS_END and RADIO.TASKS_START
RADIO.EVENTS_END and RADIO.EVENTS_DISABLED
B1
0
Transmit '1'
B0
1
Transmit '0'
Center
2
Transmit center frequency
When tuning the crystal for centre frequency, the RADIO
must be set in DTX = Center mode to be able to achieve the
expected accuracy.
6.14.14.46 POWER
Address offset: 0xFFC
Peripheral power control
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
Id
RW Field
Value Id
Value
Description
A
RW POWER
Peripheral power control. The peripheral and its registers
will be reset to its initial state by switching the peripheral off
and then back on again.
Disabled
0
Peripheral is powered off
Enabled
1
Peripheral is powered on
6.14.15 Electrical specification
6.14.15.1 General Radio Characteristics
Symbol
Description
Min.
Typ.
Max.
Units
fOP
Operating frequencies
2360
2500
MHz
fPLL,PROG,RES
PLL programming resolution
2
kHz
fPLL,CH,SP
PLL channel spacing
1
MHz
fDELTA,1M
Frequency deviation @ 1 Mbps
±170
kHz
fDELTA,BLE,1M
Frequency deviation @ BLE 1 Mbps
±250
kHz
fDELTA,2M
Frequency deviation @ 2 Mbps
±320
kHz
fskSPS
On-the-air data rate
1
2
Mbps
6.14.15.2 Radio current consumption (Transmitter)
Symbol
Description
Min.
Typ.
Max.
Units
ITX,PLUS4dBM,DCDC
TX only run current (DCDC, 3V) PRF =+4 dBm
7.0
mA
ITX,PLUS4dBM
TX only run current PRF = +4 dBm
15.4
mA
4430_161 v1.0
313



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com