Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10R172LT1 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST10R172LT1
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172LT1 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST10R172LT1 Datasheet HTML 60Page - STMicroelectronics ST10R172LT1 Datasheet HTML 61Page - STMicroelectronics ST10R172LT1 Datasheet HTML 62Page - STMicroelectronics ST10R172LT1 Datasheet HTML 63Page - STMicroelectronics ST10R172LT1 Datasheet HTML 64Page - STMicroelectronics ST10R172LT1 Datasheet HTML 65Page - STMicroelectronics ST10R172LT1 Datasheet HTML 66Page - STMicroelectronics ST10R172LT1 Datasheet HTML 67Page - STMicroelectronics ST10R172LT1 Datasheet HTML 68Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 68 page
background image
68/68
ST10R172L - PACKAGE MECHANICAL DATA
16
PACKAGE MECHANICAL DATA
17
ORDERING INFORMATION
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without the express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
©2001 STMicroelectronics - All Rights Reserved.
Purchase of I2C Components by STMicroelectronics conveys a license under the Philips I2C Patent. Rights to use these components in an
I2C system is granted provided that the system conforms to the I2C Standard Specification as defined by Philips.
STMicroelectronics Group of Companies
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain
Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
Figure 28 Package outline TQFP100 (14 x 14 mm)
Sales type
Temperature range
Package
ST10R172LT1
0°C to 70°C
TQFP100 (14x 14)
ST10R172LT6
-40°C to +85 °C
Dim
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.60
0.063
A2
1.35
1.40
1.45
0.053
0.055
0.057
D
15.75
16.00
16.25
0.620
0.630
0.640
D1
13.90
14.00
14.10
0.547
0.551
0.555
D3
12.00
0.472
E
15.75
16.00
16.25
0.620
0.630
0.640
E1
13.90
14.00
14.10
0.547
0.551
0.555
E3
12.00
0.472
e
0.50
0.020
Number of Pins
ND
25
NE
25
N
100
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com