Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10R172LT1 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST10R172LT1
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172LT1 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST10R172LT1 Datasheet HTML 37Page - STMicroelectronics ST10R172LT1 Datasheet HTML 38Page - STMicroelectronics ST10R172LT1 Datasheet HTML 39Page - STMicroelectronics ST10R172LT1 Datasheet HTML 40Page - STMicroelectronics ST10R172LT1 Datasheet HTML 41Page - STMicroelectronics ST10R172LT1 Datasheet HTML 42Page - STMicroelectronics ST10R172LT1 Datasheet HTML 43Page - STMicroelectronics ST10R172LT1 Datasheet HTML 44Page - STMicroelectronics ST10R172LT1 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 68 page
background image
41/68
ST10R172L - ELECTRICAL CHARACTERISTICS
where
N = number of consecutive TCLs and 1
≤ N ≤ 40. So for a period of 3 TCLs (i.e. N = 3):
and
PLL jitter is an important factor for bus cycles using waitstates and for the operation of timers,
serial interfaces, etc. For slower operations and longer periods (e.g. pulse train generation or
measurement, lower baudrates, etc.) the deviation caused by the PLL jitter is negligible.
Figure 12 Approximated maximum PLL jitter
D
3
43 15
⁄
–
=
3,8%
=
3TCL
min
3TCL
NOM
1
3,8 100
⁄
–
()
×
=
3TCL
NOM
0,962 36.07nsec @fcpu=50MHz
()
×
=
32
16
8
4
2
±1
±2
±3
±4
Max.jitter [%]
N
This formula is valid for 1<N<40 and 10<fcpu<50
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com