Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10R172LT1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST10R172LT1
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172LT1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST10R172LT1 Datasheet HTML 13Page - STMicroelectronics ST10R172LT1 Datasheet HTML 14Page - STMicroelectronics ST10R172LT1 Datasheet HTML 15Page - STMicroelectronics ST10R172LT1 Datasheet HTML 16Page - STMicroelectronics ST10R172LT1 Datasheet HTML 17Page - STMicroelectronics ST10R172LT1 Datasheet HTML 18Page - STMicroelectronics ST10R172LT1 Datasheet HTML 19Page - STMicroelectronics ST10R172LT1 Datasheet HTML 20Page - STMicroelectronics ST10R172LT1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
17/68
ST10R172L - PARALLEL PORTS
6
PARALLEL PORTS
The ST10R172L provides up to 77 I/O lines organized into 7 input/output ports and one input
port. All port lines are bit-addressable, and all input/output lines are individually (bit-wise)
programmable as inputs or outputs by direction registers. The I/O ports are true bidirectional
ports which are switched to high impedance state when configured as inputs. The output
drivers of three I/O ports can be configured (pin by pin) for push/pull operation or open-drain
operation by control registers. During the internal reset, all port pins are configured as inputs.
All port lines have programmable alternate input or output functions associated with them.
PORT0 and PORT1 may be used as address and data lines when accessing external
memory, while Port 4 outputs the additional segment address bits A23/19/17...A16 in systems
where segmentation is enabled to access more than 64 KBytes of memory. Port 6 provides
optional bus arbitration signals (BREQ, HLDA, HOLD) and chip select signals. Port 3 includes
alternate functions of timers, serial interfaces, the optional bus control signal BHE and the
system clock output (CLKOUT). Port 5 is used for timer control signals. Port 2 lines can be
used as fast external interrupt lines. Port 7 includes alternate function for the PWM signal. All
port lines that are not used for these alternate functions may be used as general purpose I/O
lines.
7
EXTERNAL BUS CONTROLLER
All external memory accesses are performed by the on-chip External Bus Controller which
can be programmed either to single chip mode when no external memory is required, or to the
following external memory access modes:
In the demultiplexed bus modes, addresses are output on PORT1 and data is input/output on
PORT0/P0L, respectively. In the multiplexed bus modes both addresses and data use PORT0
for input/output.
Memory cycle time, memory tri-state time, length of ALE and read write delay are
programmable so that a wide range of different memory types and external peripherals can be
used. Up to 4 independent address windows can be defined (via ADDRSELx / BUSCONx
register pairs) to access different resources with different bus characteristics. These address
windows are arranged hierarchically where BUSCON4 overrides BUSCON3 etc. All accesses
to locations not covered by these 4 address windows are controlled by BUSCON0. Up to 5
external CS signals (4 windows plus default) can be generated to reduce external glue logic.
Access to very slow memories is supported by the READY function.
A HOLD/HLDA protocol is available for bus arbitration so that external resources can be
shared with other bus masters. In slave mode, the slave controller can be connected to an-
other master controller without glue logic. For applications which require less than 16 MBytes
16-bit data, demultiplexed
16-/18-/20-/24-bit addresses
16-bit data, multiplexed
16-/18-/20-/24-bit addresses
8-bit data, multiplexed
16-/18-/20-/24-bit addresses
8-bit data, demultiplexed
16-/18-/20-/24-bit addresses
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com