Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10R172LT1 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST10R172LT1
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172LT1 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST10R172LT1 Datasheet HTML 56Page - STMicroelectronics ST10R172LT1 Datasheet HTML 57Page - STMicroelectronics ST10R172LT1 Datasheet HTML 58Page - STMicroelectronics ST10R172LT1 Datasheet HTML 59Page - STMicroelectronics ST10R172LT1 Datasheet HTML 60Page - STMicroelectronics ST10R172LT1 Datasheet HTML 61Page - STMicroelectronics ST10R172LT1 Datasheet HTML 62Page - STMicroelectronics ST10R172LT1 Datasheet HTML 63Page - STMicroelectronics ST10R172LT1 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
60/68
ST10R172L - ELECTRICAL CHARACTERISTICS
15.3.6 External Bus Arbitration
VDD = 3.3 V ± 0.3 V
VSS = 0 V
TA = -40°C to +85 °C
CL = 50 pF
Parameter
Symbol
Max. CPU Clock
= 50 MHz
Variable CPU Clock
1/2TCL = 1 to 50 MHz
min.
max.
min.
max.
HOLD input setup time
to CLKOUT
t61
SR
15
–
15
–
ns
CLKOUT to HLDA high
or BREQ low delay
t62
CC
–
10
–
10
ns
CLKOUT to HLDA low
or BREQ high delay
t63
CC
–
10
–
10
ns
CSx release
t64
CC
–
15
–
15
ns
CSx drive
t65
CC
-3
15
-3
15
ns
Other signals release
t66
CC
–
15
–
15
ns
Other signals drive
t67
CC
-3
15
-3
15
ns
Table 17 External bus arbitration
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com