Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10R172LT1 Datasheet(PDF) 52 Page - STMicroelectronics

Part # ST10R172LT1
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172LT1 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ST10R172LT1 Datasheet HTML 48Page - STMicroelectronics ST10R172LT1 Datasheet HTML 49Page - STMicroelectronics ST10R172LT1 Datasheet HTML 50Page - STMicroelectronics ST10R172LT1 Datasheet HTML 51Page - STMicroelectronics ST10R172LT1 Datasheet HTML 52Page - STMicroelectronics ST10R172LT1 Datasheet HTML 53Page - STMicroelectronics ST10R172LT1 Datasheet HTML 54Page - STMicroelectronics ST10R172LT1 Datasheet HTML 55Page - STMicroelectronics ST10R172LT1 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
52/68
ST10R172L - ELECTRICAL CHARACTERISTICS
Data hold after RdCS
t51
SR
0
–0
–
ns
Data float after RdCS
(with RW-delay)1 2
t53
SR
–
13 +
tF +
2tA
2
–2TCL - 7
+
tF + 2tA
2
ns
Data float after RdCS
(no RW-delay)1 2
t68
SR
–
3 +
tF+ 2tA
2
–TCL - 7
+
tF + 2tA
2
ns
Address hold after
RdCS, WrCS
t55
CC
-5 +
tF
–
-5 +
tF
–ns
Data hold after WrCS
t57
CC
3 +
tF
–
TCL - 7 +
tF
–ns
1) Output loading is specified using Figure 10 with CL = 5 pF.
2) This delay assumes that the following bus cycle is a demultiplexed bus cycle and that the
data bus will only be driven externally when the RD or RdCs signal becomes active. RW-
delay and
t
A refer to the following bus cycle. If the following bus cycle is a muxtiplexed bus
cycle, refer to equivalent multiplexed AC timing (which are still applicable due to automatic
insertion an idle state (2TCL) when switching from Demultiplexed to Multiplexed Bus Mode.
Parameter
Symbol
Max CPU Clock 50MHz
Variable CPU Clock
1/2TCL = 1 to 50 MHz
min.
max.
min.
max.
Table 15 Demultiplexed bus
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com