Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10R172LT1 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST10R172LT1
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172LT1 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST10R172LT1 Datasheet HTML 36Page - STMicroelectronics ST10R172LT1 Datasheet HTML 37Page - STMicroelectronics ST10R172LT1 Datasheet HTML 38Page - STMicroelectronics ST10R172LT1 Datasheet HTML 39Page - STMicroelectronics ST10R172LT1 Datasheet HTML 40Page - STMicroelectronics ST10R172LT1 Datasheet HTML 41Page - STMicroelectronics ST10R172LT1 Datasheet HTML 42Page - STMicroelectronics ST10R172LT1 Datasheet HTML 43Page - STMicroelectronics ST10R172LT1 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
40/68
ST10R172L - ELECTRICAL CHARACTERISTICS
Note
The address float timings in Multiplexed bus mode (t11 and t45) use
instead of
.
Note that if the bit OWDDIS in SYSCON register is cleared, the PLL runs on its free-running
frequency and delivers the clock signal for the Oscillator Watchdog. If bit OWDDIS is set, then
the PLL is switched off.
Oscillator Watchdog (OWD)
When the clock option selected is direct drive or direct drive with prescaler, in order to provide
a fail safe mechanism in case of a loss of the external clock, an oscillator watchdog is
implemented as an additional functionality of the PLL circuitry. This oscillator watchdog
operates as follows:
After a reset, the Oscillator Watchdog is enabled by default. To disable the OWD, set bit 4 of
SYSCON register OWDDIS.
When the OWD is enabled, the PLL runs on its free-running frequency and increments the
Oscillator Watchdog counter. On each transition of the XTAL1 pin, the Oscillator Watchdog is
cleared. If an external clock failure occurs, then the Oscillator Watchdog counter overflows
(after 16 PLL clock cycles). The CPU clock signal will be switched to the PLL free-running
clock signal, and the Oscillator Watchdog Interrupt Request (XP3INT) is flagged. The CPU
clock will not switch back to the external clock even if a valid external clock exits on XTAL1 pin.
Only a hardware reset can switch the CPU clock source back to direct clock input.
When the OWD is disabled, the CPU clock is always fed from the oscillator input and the PLL
is switched off to decrease power supply current.
Phase locked loop
For all other combinations of pins P0.15-13 (P0H.7-5) during reset the on-chip phase locked
loop is enabled and provides the CPU clock. The PLL multiplies the input frequency by the
factor F which is selected via the combination of pins P0.15-13 (i.e. fCPU = fXTAL * F). With
every F’th transition of fXTAL the PLL circuit synchronizes the CPU clock to the input clock. In
this way, fCPU is constantly adjusted so it is locked to fXTAL. The slight variation causes a jitter
of fCPU which affects individual TCL duration.Therefore, AC characteristics that refer to TCLs
must be calculated using the minimum possible TCL.
The actual minimum value for TCL depends on the jitter of the PLL. As the PLL constantly
adjusts its output frequency, it corresponds to the applied input frequency (crystal or
oscillator). The relative deviation for periods of more than one TCL is lower than for one single
TCL. For a period of
N * TCL the minimum value is computed using the corresponding
deviation DN:
TCL
max
1 f
XTAL
⁄
DC
max
×
=
TCL
min
TCL
min
TCL
NOM
1
D
N
100
⁄
–
()
×
=
D
N
4
N 15
⁄
–
() %
[]
±
=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com