Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF1M6 Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST7F10BF1M6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF1M6 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST7F10BF1M6 Datasheet HTML 97Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 98Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 99Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 100Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 101Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 102Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 103Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 104Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 159 page
background image
ST7LITE1xB
101/159
ANALOG COMPARATOR (Cont’d)
Figure 61. Analog Comparator and Internal Voltage Reference
Figure 62. Analog Comparator
COMPIN-
COMPIN+
(PB0)
(PB4)
COMP
+
-
VCBGR bit
VR[3:0] bits
1.2V Bandgap
to 12-bit
Break input
Comparator
Voltage Reference
ADC channel 0
ADC Channel 4
VCEXT bit
4
VN
VP
Autoreload Timer
CMPON
COUT
CMP
CMPIE
CMPIF
CINV
CHYST
0
CMPCR
Rising Edge
Falling Edge
Comparator Interrupt
Port PA7
+
-
CINV
Comparator
0
1
COMPOUT
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com