Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7F10BF1M6 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST7F10BF1M6
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF1M6 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST7F10BF1M6 Datasheet HTML 98Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 99Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 100Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 101Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 102Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 103Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 104Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 105Page - STMicroelectronics ST7F10BF1M6 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 159 page
background image
ST7LITE1xB
102/159
ANALOG COMPARATOR (Cont’d)
11.6.4 Register Description
Internal Voltage Reference Register (VREFCR)
Read/Write
Reset Value : 0000 0000 (00h)
Bit 7 = VCEXT External Voltage Reference for
Comparator
This bit is set or cleared by software. It is used to
connect the external reference voltage to the VN
comparator input.
0: External reference voltage not connected to VN
1: External reference voltage connected to VN
Bit 6 = VCBGR Bandgap Voltage for Comparator
This bit is set or cleared by software. It is used to
connect the bandgap voltage of 1.2V to the VN
comparator input.
0: Bandgap voltage not connected to VN
1: Bandgap voltage connected to VN
Bits 5:2 = VR[3:0] Programmable Internal Voltage
Reference Range Selection
These bits are set or cleared by software. They are
used to select one of 16 different voltages availa-
ble from the internal voltage reference module and
connect it to comparator input VN.
Refer to Table 20.
Table 20. Voltage Reference Programming
Bits 1:0 = Reserved, Must be kept cleared.
Comparator Control Register (CMPCR)
Read/Write
Reset Value : 1000 0000 (80h)
Bit 7= CHYST Comparator Hysteresis Enable
This bit is set or cleared by software and set by
hardware reset. When this bit is set, the compara-
tor hysteresis is enabled.
0: Hysteresis disabled
1: Hysteresis enabled
Note: To avoid spurious toggling of the output of
the comparator due to noise on the voltage refer-
ence, it is recommended to enable the hysteresis.
Bit 6 = Reserved, Must be kept cleared
Bit 5 = CINV Comparator Output Inversion Select
This bit is set or cleared by software and cleared
by hardware reset. When this bit is set, the compa-
rator output is inverted.
If interrupt enable bit CMPIE is set in the CMPCR
register, the CINV bit is also used to select which
type of level transition on the comparator output
will generate the interrupt. When this bit is reset,
interrupt will be generated at the rising edge of the
comparator output change (COMP signal, refer to
Figure 62 on page 101). When this bit is set, inter-
rupt will be generated at the falling edge of compa-
rator output change (COMP signal, refer to Figure
62 on page 101).
0: Comparator output not inverted and interrupt
generated at the rising edge of COMP
1: Comparator output inverted and interrupt gener-
ated at the falling edge of COMP
70
VCEXT VCBGR
VR3
VR2
VR1
VR0
0
0
VCEXT
bit
VCBGR
bit
VR3
bit
VR2
bit
VR1
bit
VR0
bit
VN Voltage
1
x
x
x
x
x
VEXT
0
1
x
x
x
x
1.2 bandgap
0
0
11
11
3.2V
0
0
11
10
3V
0
0
11
01
2.8V
0
0
11
00
2.6V
0
0
10
11
2.4V
0
0
10
10
2.2V
0
0
10
01
2V
0
0
10
00
1.8V
0
0
01
11
1.6V
0
0
01
10
1.4V
0
0
0
1
0
1
1.2V
00
0
1
0
0
1V
0
0
0
0
1
1
0.8V
0
0
0
0
1
0
0.6V
0
0
0
0
0
1
0.4V
0
0
0
0
0
0
0.2V
70
CHY-
ST
0
CINV CMPIF CMPIE
CMP
COUT CMPON
VCEXT
bit
VCBGR
bit
VR3
bit
VR2
bit
VR1
bit
VR0
bit
VN Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com