Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38D2FDXXXFP Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # M38D2FDXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D2FDXXXFP Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button M38D2FDXXXFP Datasheet HTML 30Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 31Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 32Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 33Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 34Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 35Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 36Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 37Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 34 of 131
REJ03B0177-0302
38D2 Group
16-bit Timer
Read and write operation on 16-bit timer must be performed for
both high and low-order bytes. When reading a 16-bit timer, read
the high-order byte first. When writing to a 16-bit timer, write
the low-order byte first. The 16-bit timer cannot perform the
correct operation when reading during the write operation, or
when writing during the read operation.
Fig. 26 Timer X block diagram
Data bus
1/2
1/4
Frequency
divider
Noise filter sampling
clock selection bit
“1”
“0”
Timer X interrupt
request
Timer X (high-order)(8)
Timer X (low-order)(8)
Timer X(high-order) latch (8)
Timer X (low-order) latch (8)
Equal
“000”
“001”
“010”
“011”
“101”
Pulse width
measurement
mode
Timer X count
stop bit
INT2
CNTR0 active
edge switch bits
Timer X operating
mode bits
CNTR0
interrupt request
“100”
Extend latch (2)
Timer X write
control bit
Timer 1 interrupt
D Q
Latch
Data for control of event counter window
CNTR0
INT0
0
μs
Delay time
selection bits
4/f(XIN)
“00”
“01”
“10”
“11”
8/f(XIN)
16/f(XIN)
Noise filter
(4 times same
levels judgment)
INT0
interrupt request
Count source selection bit
XcIN
“1”
“0”
Clock for timer X
XIN
Frequency divider
Timer X frequency
division selection bits
2
Both edges
detection
“00”
“01”
“10”
“11”
Timer X output
control bit 1
Timer X output
control bit 2
Timer X operating
mode bits
“010”
Delay
circuit
“000”
“001”
“011”
“100”
“101”
Timer X operating
mode bits
“010”
Compare register 3 (low-order)(8) Compare register 3 (high-order)(8)
Compare register 1 (low-order)(8) Compare register 1 (high-order)(8)
Compare register 2 (low-order)(8) Compare register 2 (high-order)(8)
Q
Q
T
S
Pulse output mode
Timer X output 1
selection bit
P35
latch
P35
direction
register
P35/TXOUT1/(LED5)
Q
Q
T
R
Timer X output 1
edge switch bit
“0”
“1”
IGBT output mode
PWM mode
Q
Q
T
R
Timer X output 2
selection bit
P37
latch
P37
direction
register
P37/CNTR0/TXOUT2/(LED7)
Timer X output 2
edge switch bit
“0”
“1”
Extend counter (2)
φSOURCE
φSOURCE : represents the supply source of internal clock φ.
XIN input: in the frequency/2, 4 or 8 mode, Internal
on-chip oscillator divided by 4 in the on-chip
oscillator mode, and Sub clock in the low-speed
mode.
“0”
“1”
Delay circuit 1/2
“1”
“0”
× 2
Trigger for IGBT control bit
Trigger for IGBT control bit
INT1
Edge
selection
Edge
selection *
Edge
selection *
Edge
detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com