Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38D2FDXXXFP Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # M38D2FDXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D2FDXXXFP Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button M38D2FDXXXFP Datasheet HTML 83Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 84Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 85Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 86Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 87Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 88Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 89Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 90Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 87 of 131
REJ03B0177-0302
38D2 Group
Fig 82. When using E8 programmer (in standard serial I/O mode 1) connection example
38D2 Group
RESET
circuit
Vcc
P32 (TxD)
P31 (SCLK)
P30 (BUSY)
RESET
Vss
AVss
XIN
XOUT
4.7 k
Ω
* 1: Open-collector buffer
Note 1: For the programmer circuit, the wiring capacity of each signal pin must not exceed 47pF.
Vcc
14
12
10
8
13
9
7
4
2
6
3
1
*1
CNVSS
4.7 k
Ω
11
P33 (RxD)
Set the same termination as
the single-chip mode.
4.7 k
Ω
5
Flash memory version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com