Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38D2FDXXXFP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M38D2FDXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D2FDXXXFP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M38D2FDXXXFP Datasheet HTML 14Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 15Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 16Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 17Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 18Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 19Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 20Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 21Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 18 of 131
REJ03B0177-0302
38D2 Group
I/O PORTS
• Direction Registers
The I/O ports P0
−P6 have direction registers which determine
the input/output direction of each individual pin. Each bit in a
direction register corresponds to one pin, each pin can be set to
be input port or output port.
When “0” is written to the bit of the direction register, the
corresponding pin becomes an input pin. As for ports P0
−P2,
when “1” is written to the bit of the direction register and the
segment output disable register, the corresponding pin becomes
an output pin. As for ports P3
−P6, when “1” is written to the bit
of the direction register, the corresponding pin becomes an
output pin.
If data is read from a pin set to output, the value of the port latch
is read, not the value of the pin itself. However, when peripheral
output (RTP1, RTP0, TXOUT1, T4OUT, T3OUT, T2OUT/CKOUT,
OOUT0, and OOUT1) is selected, the output value is read. Pins set
to input are floating. If a pin set to input is written to, only the
port output latch is written to and the pin remains floating.
• Pull-up Control
Each individual bit of ports P0
−P2 can be pulled up with a
program by setting direction registers and segment output disable
registers 0 to 2 (addresses 0FF416 to 0FF616).
The pin is pulled up by setting “0” to the direction register and
“1” to the segment output disable register.
By setting the PULL register (addresses 0FF016), ports P3
−P6
can control pull-up with a program.
However, the contents of PULL register do not affect ports
programmed as the output ports.
Fig. 11 Structure of ports P0 to P2
Fig. 12 Structure of PULL register and segment output
disable register
Segment output
disable register
Direction
register
Input port
No pull-up
Input port
Pull-up
Segment
output
Port output
“0”
“0”
“1”
“1”
Initial state
P00 pull-up
P01 pull-up
P02 pull-up
P03 pull-up
P04 pull-up
P05 pull-up
P06 pull-up
P07 pull-up
Segment output disable register 0
(SEG0 : address 0FF416)
b7
b0
Notes 1: The PULL register and segment output disable
register affect only ports programmed as the input
ports.
2: When the VL pin input selection bit (VLSEL) of the
LCD power control register (address 001416) is “1”,
settings of P26 and P27 are invalid.
PULL register
(PULL : address 0FF016)
b7
b0
P30
−P33 pull-up
P34
−P37 pull-up
P40
−P43 pull-up
P44
−P47 pull-up
P50
−P53 pull-up
P54
−P57 pull-up
P60
−P62 pull-up
Not used (return “0” when read)
P10 pull-up
P11 pull-up
P12 pull-up
P13 pull-up
P14 pull-up
P15 pull-up
P16 pull-up
P17 pull-up
Segment output disable register 1
(SEG1 : address 0FF516)
b7
b0
P20 pull-up
P21 pull-up
P22 pull-up
P23 pull-up
P24 pull-up
P25 pull-up
P26 pull-up
P27 pull-up
Segment output disable register 2
(SEG2 : address 0FF616)
b7
b0
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com