Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38D2FDXXXFP Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # M38D2FDXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D2FDXXXFP Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button M38D2FDXXXFP Datasheet HTML 72Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 73Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 74Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 75Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 76Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 77Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 78Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 79Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 76 of 131
REJ03B0177-0302
38D2 Group
Software Commands
Table 17 lists the software commands.
After setting the CPU rewrite mode select bit to “1”, execute a
software command to specify an erase or program operation.
Each software command is explained below.
• Read Array Command (FF16)
The read array mode is entered by writing the command code
“FF16” in the first bus cycle. When an address to be read is input
in one of the bus cycles that follow, the contents of the specified
address are read out at the data bus (D0 to D7).
The read array mode is retained until another command is
written.
• Read Status Register Command (7016)
When the command code “7016” is written in the first bus cycle,
the contents of the status register are read out at the data bus (D0
to D7) by a read in the second bus cycle.
The status register is explained in the next section.
• Clear Status Register Command (5016)
This command is used to clear the bits SR4 and SR5 of the status
register after they have been set. These bits indicate that
operation has ended in an error. To use this command, write the
command code “5016” in the first bus cycle.
• Program Command (4016)
Program operation starts when the command code “4016” is
written in the first bus cycle. Then, if the address and data to
program are written in the 2nd bus cycle, program operation
(data programming and verification) will start.
Whether the write operation is completed can be confirmed by
read status register or the RY/BY status flag. To read the status
register, write the read status register command “7016”. The
status register bit 7 (SR7) is set to “0” at the same time the
program starts and returned to “1” upon completion of the
program. The read status mode remains active until the read
array command (“FF16”) is written.
The RY/BY status flag is set to “0” during program operation
and “1” when the program operation is completed as is the status
register bit 7 (SR7).
At program end, program results can be checked by reading the
status register.
Fig 75. Program flowchart
NOTES:
1. SRD = Status Register Data
2. WA = Write Address, WD = Write Data
3. BA = Block Address to be erased (Input the maximum address of each block.)
4. X denotes a given address in the User ROM area.
Start
Write “4016”
SR7 =
“1”?
or
RY/BY =
“1”?
Read status register
Program completed
NO
YES
Write
Write address
Write data
SR4 = “0”?
Program error
NO
YES
Table 17 List of software commands (CPU rewrite mode)
Command
cycle
number
First bus cycle
Second bus cycle
Mode
Address
Data
(D0 to D7)
Mode
Address
Data
(D0 to D7)
Read array
1
Write
X(4)
FF16
Read status register
2
Write
X
7016
Read
X
SRD(1)
Clear status register
1
Write
X
5016
Program
2
Write
X
4016
Write
WA(2)
WD(2)
Block erase
2
Write
X
2016
Write
BA(3)
D016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com