Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38D2FDXXXFP Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # M38D2FDXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D2FDXXXFP Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button M38D2FDXXXFP Datasheet HTML 74Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 75Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 76Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 77Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 78Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 79Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 80Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 81Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 78 of 131
REJ03B0177-0302
38D2 Group
• Status Register
The status register shows the operating status of the flash
memory and whether erase operations and programs ended
successfully or in error. It can be read in the following ways:
(1) By reading an arbitrary address from the User ROM area
after writing the read status register command (7016)
(2) By reading an arbitrary address from the User ROM area in
the period from when the program starts or erase operation
starts to when the read array command (FF16) is input.
Also, the status register can be cleared by writing the clear status
register command (5016).
After reset, the status register is set to “8016”.
Table 18 shows the status register. Each bit in this register is
explained below.
• Sequencer status (SR7)
The sequencer status indicates the operating status of the flash
memory. This bit is set to “0” (busy) during write or erase
operation and is set to “1” when these operations ends.
After power-on, the sequencer status is set to “1” (ready).
• Erase status (SR5)
The erase status indicates the operating status of erase operation.
If an erase error occurs, it is set to “1”. When the erase status is
cleared, it is reset to “0”.
• Program status (SR4)
The program status indicates the operating status of write
operation.
When a write error occurs, it is set to “1”.
The program status is reset to “0” when it is cleared.
If “1” is written for any of the SR5 and SR4 bits, the read array,
program, and block erase commands are not accepted. Before
executing these commands, execute the clear status register
command (5016) and clear the status register.
Also, if any commands are not correct, both SR5 and SR4 are set
to “1”.
Table 18 Definition of each bit in status register
Each bit of
SRD bits
Status name
Definition
“1”
“0”
SR7 (bit7)
Sequencer status
Ready
Busy
SR6 (bit6)
Reserved
−−
SR5 (bit5)
Erase status
Terminated in error
Terminated normally
SR4 (bit4)
Program status
Terminated in error
Terminated normally
SR3 (bit3)
Reserved
−−
SR2 (bit2)
Reserved
−−
SR1 (bit1)
Reserved
−−
SR0 (bit0)
Reserved
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com