Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38D2FDXXXFP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M38D2FDXXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D2FDXXXFP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M38D2FDXXXFP Datasheet HTML 21Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 22Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 23Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 24Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 25Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 26Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 27Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 28Page - Renesas Technology Corp M38D2FDXXXFP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 25 of 131
REJ03B0177-0302
38D2 Group
Fig. 16 Interrupt control
• Interrupt Disable Flag
The interrupt disable flag is assigned to bit 2 of the processor
status register. This flag controls the acceptance of all interrupt
requests except for the BRK instruction. When this flag is set to
“1”, the acceptance of interrupt requests is disabled. When it is
set to “0”, acceptance of interrupt requests is enabled. This flag is
set to “1” with the SEI instruction and set to “0” with the CLI
instruction.
When an interrupt request is accepted, the contents of the
processor status register are pushed onto the stack while the
interrupt disable flag remains set to “0”. Subsequently, this flag
is automatically set to “1” and multiple interrupts are disabled.
To use multiple interrupts, set this flag to “0” with the CLI
instruction within the interrupt processing routine.
The contents of the processor status register are popped off the
stack with the RTI instruction.
• Interrupt Request Bits
Once an interrupt request is generated, the corresponding
interrupt request bit is set to “1” and remains “1” until the request
is accepted. When the request is accepted, this bit is
automatically set to “0”.
Each interrupt request bit can be set to “0”, but cannot be set to
“1”, by software.
• Interrupt Enable Bits
The interrupt enable bits control the acceptance of the
corresponding interrupt requests. When an interrupt enable bit is
set to “0”, the acceptance of the corresponding interrupt request
is disabled. If an interrupt request occurs in this condition, the
corresponding interrupt request bit is set to “1”, but the interrupt
request is not accepted. When an interrupt enable bit is set to “1”,
acceptance of the corresponding interrupt request is enabled.
Each interrupt enable bit can be set to “0” or “1” by software.
The interrupt enable bit for an unused interrupt should be set to
“0”.
• Interrupt Source Selection
Any of the following combinations can be selected by the
interrupt edge selection register (003A16).
•INT2 or key input
• Timer Y or CNTR1
Interrupt request bit
Interrupt enable bit
Interrupt disable flag (I)
BRK instruction
Reset
Interrupt
acceptance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com