Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 326Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 327Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 328Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 329Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 330Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 331Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 332Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 333Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 1196 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 302 of 1164
REJ09B0321-0200
• Interrupt request
 Two types of interrupt requests (generated when the byte count reaches "0")
• Interrupt request signals for each channel
• Interrupt request signal common to all channels
• Reload function (source address, destination address, byte count) settable
• Rotate function settable
• DMAC stop/restart/suspend function settable
Notes: Terminologies in this section are as follows:
1. Single data transfer: Transfer in one read cycle and one write cycle by the DMAC (in
the case of dual address transfer)
2. Single operand transfer: Continuous data transfer by the DMAC on one channel
(amount of data to be transferred is set in a register)
3. One DMA transfer: Transferring a number of data, from the start address to the end
address set in the byte count register
4. Channel number: n
= 0 to 7
5. Request source number: k
= 1 to 36, m = 0 to 36
6. BIU: Bus Interface Unit (peripheral module). One of the following four kinds according to
the source or destination of transfer.
BIU_E:
External space (normal space and SDRAM space)
BIU_P:
Peripheral bus (1) (see figure 1.1), on-chip RAM space
BIU_SH: Peripheral bus (2) (see figure 1.1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com