Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 326 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 326 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 322Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 323Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 324Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 325Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 326Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 327Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 328Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 329Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 330Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 1196 page
background image
Section 10 Bus Monitor
Rev. 2.00 Sep. 07, 2007 Page 298 of 1164
REJ09B0321-0200
10.2.3
Bus Timeout Detection Function
The bus timeout detection function detects bus accesses whose cycles are extended to 768 cycles
or more.
(1)
Conditions of Bus Timeout Error Generation
Bus timeout errors occur in the following cases. This function should be used when debugging
software.
• A bus access is not completed on peripheral bus (1)
• The WAIT signal remains asserted during an external bus access
(2)
Operation When a Bus Timeout Error is Generated
The operation when a bus timeout error occurs is explained below.
1. The timeout counter starts counting from the next cycle after the start of a bus access.
2. If the bus access is not completed in 768 cycles, a bus timeout occurs and an access canceling
signal is asserted for 256 cycles.
Bus signals such as address, data, BC, read/write, and burst are held.
The timeout error is recorded in the bus monitor status register 1 (SYCBESTS1) or bus
monitor status register 2 (SYCBESTS2).
A bus error interrupt is generated and sent to the CPU.
3. The bus access is terminated.
4. The CPU processes the bus error.
Locked buses are all released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com