Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 322 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 322 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 318Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 319Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 320Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 321Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 322Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 323Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 324Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 325Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 326Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 1196 page
background image
Section 10 Bus Monitor
Rev. 2.00 Sep. 07, 2007 Page 294 of 1164
REJ09B0321-0200
10.1.4
Bus Error Control Register (SYCBESW)
SYCBESW controls the notification of various types of bus errors to the CPU.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
00
0000000000000
R/W
R/W
R/W
RRRRRRRRRRRR
0000000000000000
RRRRRRRRRRRRRRRR
00
CPEN
11
CPEN
0
01
CPEN
—
R
—
—
——————————
————————————————
Bit
Bit Name
Initial
Value
R/W
Description
31
00CPEN
0
R/W
Bus Error Control (CPU
→ CPU)
This bit controls notification to the CPU when a bus
error is caused by the CPU.
0: Not notified
1: Notified
30
01CPEN
0
R/W
Bus Error Control (DMAC Destination Side
→ CPU)
This bit controls notification to the CPU when a bus
error is caused by the DMAC destination side.
0: Not notified
1: Notified
29
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
28
11CPEN
0
R/W
Bus Error Control (DMAC Source Side
→ CPU)
This bit controls notification to the CPU when a bus
error is caused by the DMAC source side.
0: Not notified
1: Notified
27 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com