| Electronic Components Datasheet Search |
|
DS72011RB120FPV Datasheet(PDF) 324 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV Datasheet(HTML) 324 Page - Renesas Technology Corp |
|
324 / 1196 page ![]() Section 10 Bus Monitor Rev. 2.00 Sep. 07, 2007 Page 296 of 1164 REJ09B0321-0200 (2) Error Notification to the CPU The CPU is notified of a bus error through the OR condition of the timeout bits (PTO/ETO) and illegal address access bits (PER/EER/OER/SHER) in the bus monitor status register 1 (SYCBESTS1) and bus monitor status register 2 (SYCBESTS2). The CPU is notified of a bus error interrupt according to the setting of the bus error control register (SYCBESW). When the bus monitor status register 1 (SYCBESTS1) and bus monitor status register 2 (SYCBESTS2) are cleared by the CPU, the bus error interrupt signal is also negated. (3) Termination of Bus Access When a bus error is detected, the bus access is terminated. For details, see section 10.2.4, Combinations of Masters and Bus Errors. For the detailed operations when each type of error is detected, see section 10.2.2, Illegal Address Access Detection Function and section 10.2.3, Bus Timeout Detection Function. 10.2.2 Illegal Address Access Detection Function The illegal address access detection function detects attempted accesses to illegal addresses. (1) Conditions of Illegal Address Access Error Generation Illegal address access errors occur when the following illegal addresses are accessed. • External spaces for which the operation enable bit (EXENB) in the control register of the BSC is not set to "operation enabled" • Other address areas that are not mapped to any slave bus • Address areas that are mapped to the slave buses but do not correspond to slave devices Tables 10.3 and 10.4 show the address areas to which slave devices are not mapped within the spaces for peripheral buses (1) and (2). Table 10.3 Address Areas without Slave Devices in the Space for Peripheral Bus (1) FF401000 to FF41FFFF FF423000 to FF45FFFF FF464000 to FF5FFFFF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |