Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 333Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 334Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 335Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 336Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 337Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 338Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 339Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 340Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 1196 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 309 of 1164
REJ09B0321-0200
11.3.2
DMA Current Destination Address Register (DMCDADR)
DMCDADR is a register used to specify the start address of the transfer destination.
The value in this register is transferred to the working destination-address register at the start of
DMA transfer.
The default behavior is for the contents of the working destination-address register to be returned
on completion of each single operand transfer. However, the contents of the working destination-
address register are not returned in two cases: when the rotate setting (SAMOD
= 011) is made for
the destination address and when the destination-address reload function is enabled. In the latter
case, the contents of the DMA reload destination address register (DMRDADRn) are returned to
this register on completion of DMA transfer.
This register must be set before transfer is initiated, regardless of whether the reload function is
enabled or disabled.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
CDA
CDA
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
CDA
Undefined R/W
Holds destination address bits A31 to A0
Notes: 1. Set this register so that DMA transfer is performed within the correctly aligned address
boundaries for the transfer sizes listed below.
• When the transfer size is set to 16 bits (SZSEL = "001"): (b0) = "0".
• When the transfer size is set to 32 bits (SZSEL = "010"): (b1, b0) = (0, 0).
2. Only write to this register when single operand transfer is not in process on the
corresponding channel (the corresponding DASTS bit in the DMA arbitration status
register (DMASTS) is "0") and DMA transfer is disabled (DMST in the DMA activation
control register (DMSCNT) or DEN in DMA control register B for the channel
(DMCNTBn) is set to "0"). Operation is not guaranteed if this register is written to when
both conditions are not satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com