Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 342Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 343Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 344Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 345Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 346Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 347Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 348Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 349Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 1196 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 318 of 1164
REJ09B0321-0200
Bit
Bit Name
Initial
Value
R/W
Description
2
DACT
Undefined R/W
DMA Active Signal Output for Destination
This bit is used to control the output of the DMA-active
signal (DACT) for the destination corresponding to the
request source setting in the DCTG bits.
When this bit is set to "0", output of the DACT signal is
disabled and fixed high unless the level changes
because of the SACT bit setting.
When this bit is set to "1", output of the DACT signal is
valid ("L") from the next cycle after the start of the
DMAC read cycle.
However, while output of the DACT signal is enabled
when the DMA request source selection (DCTG) bits
are set for software triggering, a valid DACT signal
cannot be output when the requesting source is an on-
chip peripheral circuit (DCTG), regardless of the
setting of the DACT bit.
0: Stops output of the DMA-active signal for the
destination
1: Selects output of the DMA-active signal for the
destination during write access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com