Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 343Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 344Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 345Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 346Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 347Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 348Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 349Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 350Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 1196 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 319 of 1164
REJ09B0321-0200
Bit
Bit Name
Initial
Value
R/W
Description
1, 0
DTCM[1:0]
Undefined R/W
DMA End Signal Output Control
These bits are used to control the output of the DMA
end signal (DTEND) when the DMA transfer end
condition is detected.
When the bits are set to "00", DTEND signals on
completion of DMA transfer are disabled and the
DTEND line is fixed high.
When these bits are set to "10", the DTEND signal
goes low (is active) in the cycle after the read cycle
immediately preceding completion of DMA transfer.
When these bits are set to "10", the DTEND signal is
active in the cycle after the write cycle immediately
preceding completion of DMA transfer.
When these bits are set to "11", the DTEND signal is
active for the period of one clock cycle at the same
time as the DMA transfer end interrupt (for details, see
figure 11.9.)
However, while output of the DTEND signal is enabled
when the DMA request source selection bits (DCTG)
are set for software triggering, a valid DTEND signal
cannot be output when the requesting source is an on-
chip peripheral circuit (DCTG), regardless of the
setting of the DTEND bits.
00: Stops output of the DTEND signal
01: The DTEND signal is output on the last read cycle
10: The DTEND signal is output on the last write cycle
11: The DTEND signal is output after DMA has been
completed
Note:
Only write to this register when the corresponding channel is not engaged in single operand
transfer (the corresponding DASTS bit in the DMA arbitration status register (DMASTS) is
"0") and DMA transfer is disabled (DMST in the DMA activation control register (DMSCNT)
or DEN in DMA control register B for the channel (DMCNTBn) is set to "0"). Operation is not
guaranteed if this register is written to when both conditions are not satisfied.
When SACT and DACT are set to 1, output of a low DACT signal from the cycle following a
DMAC read or write cycle is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com