Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 348 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 348 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 344Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 345Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 346Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 347Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 348Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 349Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 350Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 351Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 352Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 1196 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Sep. 07, 2007 Page 320 of 1164
REJ09B0321-0200
Table 11.3 shows the DMA source/destination address registers. For details on the rotation address
"indexing" mode, see section 11.11, Rotate Function. Note that when performing pipelined
transfer to or from external devices and modules that support burst access, make sure to set the
direction bits to select address incrementation ("001") or rotation ("011").
Table 11.3
Increment/Decrement for DMA Source/Destination Address Registers
Address Indexing Mode
SAMOD or DAMOD
Transfer data size
selection bits
SZSEL
"000"
(fixed)
"001"
(plus direction)
"010"
(minus direction)
"011"
(rotation)
"000" (8 bits)
±0
+1
−1
+1
"001" (16 bits)
±0
+2
−2
+2
"010" (32 bits)
±0
+4
−4
+4
11.3.8
DMA Control Register A (DMCNTA)
DMCNTA handles the selections of the transfer mode and the condition of transfer, control of
reload functions, and selection of DMA sources.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
RR
R/W
R/W
RR
R/W
R/W
RRRRRR
R/W
R/W
0000000000000000
R
R
R
R
R
R/W
R/W
R/W
R
R
R/W
R/W
R/W
R/W
R/W
R/W
—
—
MDSEL[1:0]
—
—
DSEL[1:0]
—
—
—
—
—
—
STRG[1:0]
—————
BRLOD SRLOD DRLOD
—
—
DCTG[5:0]
Bit
Bit Name
Initial
Value
R/W
Description
31, 30
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com