| Electronic Components Datasheet Search |
|
DS72011RB120FPV Datasheet(PDF) 187 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV Datasheet(HTML) 187 Page - Renesas Technology Corp |
|
187 / 1196 page ![]() Section 6 Interrupt Controller (INTC) Rev. 2.00 Sep. 07, 2007 Page 159 of 1164 REJ09B0321-0200 6.9 Data Transfer with Interrupt Request Signals Interrupt request signals can be used to activate the DMAC and transfer data. Interrupt sources that are specified to activate the DMAC are masked by setting the DMA transfer enable bit in DREQER0 to DREQER3 to 1 without being input to the INTC. 6.9.1 Handling Interrupt Request Signals as Sources for CPU Interrupt but not DMAC Activation 1. Clear the corresponding DMAC transfer request enable bit in DREQER0 to DREQER3 to 0. 2. When an interrupt occurs, the interrupt request will be sent to the CPU. 3. The CPU clears the interrupt source and performs the necessary processing in the interrupt handling routine. 6.9.2 Handling Interrupt Request Signals as Sources for DMAC Activation but not CPU Interrupt 1. Select* the signals as DMAC activating sources by setting the corresponding DMAC transfer request enable bit in DREQER0 to DREQER3 to 1. This masks the CPU interrupt source regardless of the interrupt priority register settings. 2. When an interrupt occurs, the activation source will be sent to the DMAC. 3. The DMAC clears the activation source during the transfer. Note: * As for the method to select the DMAC request sources, see section 11, Direct Memory Access Controller (DMAC). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |