| Electronic Components Datasheet Search |
|
DS72011RB120FPV Datasheet(PDF) 185 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV Datasheet(HTML) 185 Page - Renesas Technology Corp |
|
185 / 1196 page ![]() Section 6 Interrupt Controller (INTC) Rev. 2.00 Sep. 07, 2007 Page 157 of 1164 REJ09B0321-0200 6.8.3 Save and Restore Operations after Saving to All Banks If an interrupt occurs and usage of the register banks is enabled for the interrupt accepted by the CPU in a state where saving has been performed to all register banks, automatic saving to the stack is performed instead of register bank saving if the BOVE bit in the bank number register (IBNR) is cleared to 0. If the BOVE bit in IBNR is set to 1, register bank overflow exception occurs and data is not saved to the stack. Save and restore operations when using the stack are as follows: (1) Saving to Stack 1. The status register (SR) and program counter (PC) are saved to the stack during interrupt exception handling. 2. The contents of the banked registers (R0 to R14, GBR, MACH, MACL, and PR) are saved to the stack. The registers are saved to the stack in the order of MACL, MACH, GBR, PR, R14, R13, …, R1, and R0. 3. The register bank overflow bit (BO) in SR is set to 1. 4. The bank number bit (BN) value in the bank number register (IBNR) remains set to the maximum value of 15. (2) Restoration from Stack When the RESBANK (restore from register bank) instruction is executed with the register bank overflow bit (BO) in SR set to 1, the CPU operates as follows: 1. The contents of the banked registers (R0 to R14, GBR, MACH, MACL, and PR) are restored from the stack. The registers are restored from the stack in the order of R0, R1, …, R13, R14, PR, GBR, MACH, and MACL. 2. The bank number bit (BN) value in the bank number register (IBNR) remains set to the maximum value of 15. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |