| Electronic Components Datasheet Search |
|
DS72011RB120FPV Datasheet(PDF) 186 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV Datasheet(HTML) 186 Page - Renesas Technology Corp |
|
186 / 1196 page ![]() Section 6 Interrupt Controller (INTC) Rev. 2.00 Sep. 07, 2007 Page 158 of 1164 REJ09B0321-0200 6.8.4 Register Bank Exception There are two register bank exceptions (register bank errors): register bank overflow and register bank underflow. (1) Register Bank Overflow This exception occurs if, after data has been saved to all of the register banks, an interrupt for which register bank use is allowed is accepted by the CPU, and the BOVE bit in the bank number register (IBNR) is set to 1. In this case, the bank number bit (BN) value in the bank number register (IBNR) remains set to the bank count of 15 and saving is not performed to the register bank. (2) Register Bank Underflow This exception occurs if the RESBANK (restore from register bank) instruction is executed when no data has been saved to the register banks. In this case, the values of R0 to R14, GBR, MACH, MACL, and PR do not change. In addition, the bank number bit (BN) value in the bank number register (IBNR) remains set to 0. 6.8.5 Register Bank Error Exception Handling When a register bank error occurs, register bank error exception handling starts. When this happens, the CPU operates as follows: 1. The exception service routine start address which corresponds to the register bank error that occurred is fetched from the exception handling vector table. 2. The status register (SR) is saved to the stack. 3. The program counter (PC) is saved to the stack. The PC value saved is the start address of the instruction to be executed after the last executed instruction for a register bank overflow, and the start address of the executed RESBANK instruction for a register bank underflow. To prevent multiple interrupts from occurring at a register bank overflow, the interrupt priority level that caused the register bank overflow is written to the interrupt mask level bits (I3 to I0) of the status register (SR). 4. Program execution starts from the exception service routine start address. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |