Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 197Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 198Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 199Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 200Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 201Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 202Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 203Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 204Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 1196 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 Sep. 07, 2007 Page 173 of 1164
REJ09B0321-0200
7.4
Operation
7.4.1
Flow of the User Break Operation
The flow from setting of break conditions to user break exception handling is described below:
1. The break address is set in the break address register (BAR). The masked address bits are set in
the break address mask register (BAMR). The break data is set in the break data register
(BDR). The masked data bits are set in the break data mask register (BDMR). The bus break
conditions are set in the break bus cycle register (BBR). Three control bit groups of BBR (C
bus cycle/I bus cycle select, instruction fetch/data access select, and read/write select) are each
set. No user break will be generated if even one of these groups is set to 00. The relevant break
control conditions are set in the bits of the break control register (BRCR). Make sure to set all
registers related to breaks before setting BBR, and branch after reading from the last written
register. The newly written register values become valid from the instruction at the branch
destination.
2. In the case where the break conditions are satisfied and the user break interrupt request is
enabled, the UBC sends a user break request to the INTC, sets the C bus condition match flag
(SCMFC) or I bus condition match flag (SCMFD) for the appropriate channel, and outputs a
pulse to the
UBCTRG pin with the width set by the CKS[1:0] bits. Setting the UBID bit in
BBR to 1 enables external monitoring of the trigger output without requesting user break
interrupts.
3. On receiving a user break interrupt request signal, the INTC determines its priority. Since the
user break interrupt has a priority level of 15, it is accepted when the priority level set in the
interrupt mask level bits (I3 to I0) of the status register (SR) is 14 or lower. If the I3 to I0 bits
are set to a priority level of 15, the user break interrupt is not accepted, but the conditions are
checked, and condition match flags are set if the conditions match. For details on ascertaining
the priority, see section 6, Interrupt Controller (INTC).
4. Condition match flags (SCMFC and SCMFD) can be used to check which condition has been
satisfied. Clear the condition match flags during the user break interrupt exception processing
routine. The interrupt occurs again if this operation is not performed.
5. There is a chance that the break set in channel 0 and the break set in channel 1 occur around
the same time. In this case, there will be only one break request to the INTC, but these two
break channel match flags may both be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com