Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 199Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 200Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 201Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 202Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 203Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 204Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 205Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 206Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 1196 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 Sep. 07, 2007 Page 175 of 1164
REJ09B0321-0200
7.4.3
Break on Data Access Cycle
1. If the C bus is specified as a break condition for data access break, condition comparison is
performed for the logical addresses (and data) accessed by the executed instructions, and a
break occurs if the condition is satisfied. If the I bus is specified as a break condition, condition
comparison is performed for the addresses (and data) of the data access cycles on the bus
specified by the I bus select bits, and a break occurs if the condition is satisfied. For details on
the CPU bus cycles issued on the I bus, see 6 in section 7.4.1, Flow of the User Break
Operation.
2. The relationship between the data access cycle address and the comparison condition for each
operand size is listed in table 7.3.
Table 7.3
Data Access Cycle Addresses and Operand Size Comparison Conditions
Access Size
Address Compared
Longword
Compares break address register bits 31 to 2 to address bus bits 31 to 2
Word
Compares break address register bits 31 to 1 to address bus bits 31 to 1
Byte
Compares break address register bits 31 to 0 to address bus bits 31 to 0
This means that when address H'00001003 is set in the break address register (BAR), for
example, the bus cycle in which the break condition is satisfied is as follows (where other
conditions are met).
Longword access at H'00001000
Word access at H'00001002
Byte access at H'00001003
3. When the data value is included in the break conditions:
When the data value is included in the break conditions, either longword, word, or byte is
specified as the operand size in the break bus cycle register (BBR). When data values are
included in break conditions, a break is generated when the address conditions and data
conditions both match. To specify byte data for this case, set the same data in the four bytes at
bits 31 to 24, 23 to 16, 15 to 8, and 7 to 0 of the break data register (BDR) and break data mask
register (BDMR). To specify word data for this case, set the same data in the two words at bits
31 to 16 and 15 to 0.
4. Access by a PREF instruction is handled as read access in longword units without access data.
Therefore, if including the value of the data bus when a PREF instruction is specified as a
break condition, a break will not occur.
5. If the data access cycle is selected, the instruction at which the break will occur cannot be
determined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com