Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 202 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 202 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 198Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 199Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 200Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 201Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 202Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 203Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 204Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 205Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 206Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 1196 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 Sep. 07, 2007 Page 174 of 1164
REJ09B0321-0200
6. When selecting the I bus as the break condition, note as follows:
 Whether or not the access the CPU issued on the C bus is issued on the I bus depends on
the setting of the cache. As regard to the I bus operation that depends on cache conditions,
see table 8.8 in section 8, Cache.
 When a break condition is specified for the I bus, only the data access cycle is monitored.
The instruction fetch cycle (including cache update cycle) is not monitored.
 If a break condition is specified for the I bus, even when the condition matches in an I bus
cycle resulting from an instruction executed by the CPU, at which instruction the break is
to be accepted cannot be clearly defined.
7.4.2
Break on Instruction Fetch Cycle
1. When C bus/instruction fetch/read/word or longword is set in the break bus cycle register
(BBR), the break condition is the FAB bus instruction fetch cycle. Whether a start of user
break interrupt exception processing is set before or after the execution of the instruction can
be selected with the PCB0 or PCB1 bit in the break control register (BRCR) for the
appropriate channel. If an instruction fetch cycle is set as a break condition, clear LSB in the
break address register (BAR) to 0. A break cannot be generated as long as this bit is set to 1.
2. A break for instruction fetch which is set as a break before instruction execution occurs when it
is confirmed that the instruction has been fetched and will be executed. This means a break
does not occur for instructions fetched by overrun (instructions fetched at a branch or during
an interrupt transition, but not to be executed). When this kind of break is set for the delay slot
of a delayed branch instruction, the user break interrupt request is not received until the
execution of the first instruction at the branch destination.
Note:
If a branch does not occur at a delayed branch instruction, the subsequent instruction is
not recognized as a delay slot.
3. When setting a break condition for break after instruction execution, the instruction set with
the break condition is executed and then the break is generated prior to execution of the next
instruction. As with pre-execution breaks, a break does not occur with overrun fetch
instructions. When this kind of break is set for a delayed branch instruction and its delay slot,
the user break interrupt request is not received until the first instruction at the branch
destination.
4. When an instruction fetch cycle is set, the break data register (BDR) is ignored. Therefore,
break data cannot be set for the break of the instruction fetch cycle.
5. If the I bus is set for a break of an instruction fetch cycle, the setting is invalidated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com