Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 221Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 222Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 223Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 224Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 225Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 226Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 227Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 228Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 1196 page
background image
Section 8 Cache
Rev. 2.00 Sep. 07, 2007 Page 197 of 1164
REJ09B0321-0200
(2)
Address-Array Write (Non-Associative Operation)
When the associative bit (A bit) in the address field is cleared to 0, write the tag address, LRU bits,
U bit (only for operand cache), and V bit, specified by the data field, to the entry address specified
by the address and the entry corresponding to the way. When writing to a cache line for which the
U bit = 1 and the V bit =1 in the operand cache address array, write the contents of the cache line
back to memory, then write the tag address, LRU bits, U bit, and V bit specified by the data field.
When 0 is written to the V bit, 0 must also be written to the U bit of that entry.
(3)
Address-Array Write (Associative Operation)
When writing with the associative bit (A bit) of the address field set to 1, the addresses in the four
ways for the entry specified by the address field are compared with the tag address that is specified
by the data field. Write the U bit (only for operand cache) and the V bit specified by the data field
to the entry of the way that has a hit. However, the tag address and LRU bits remain unchanged.
When there is no way that has a hit, nothing is written and there is no operation.
This function is used to invalidate a specific entry in the cache. When the U bit of the entry that
has had a hit is 1 in the operand cache, writing back should be performed. However, when 0 is
written to the V bit, 0 must also be written to the U bit of that entry.
8.4.2
Data Array
To access a data array, the 32-bit address field (for read/write accesses) and 32-bit data field (for
write accesses) must be specified. The address field specifies information for selecting the entry to
be accessed; the data field specifies the longword data to be written to the data array.
Specify the entry address for selecting the entry, the L bit indicating the longword position within
the (16-byte) line, and the W bit for selecting the way. In the L bit, B'00 is longword 0, B'01 is
longword 1, B'10 is longword 2, and B'11 is longword 3. In the W bit, B'00 is way 0, B'01 is way
1, B'10 is way 2, and B'11 is way 3. Since the access size of the data array is fixed at longword,
specify B'00 for bits 1 and 0 of the address.
For the address and data formats, see figure 8.4.
The following two operations are possible for the data array. Information in the address array is
not modified by this operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com