Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 225Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 226Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 227Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 228Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 229Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 230Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 231Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 232Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 1196 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 201 of 1164
REJ09B0321-0200
Section 9 Bus State Controller (BSC)
The bus state controller (BSC) outputs control signals for various types of memory that is
connected to the external address space and external devices. This enables the LSI to connect
directly with SRAM, SDRAM, and other memory storage devices, and external devices.
9.1
Features
1. External address space
• A maximum of 64 Mbytes for the SDRAM and each for areas CS0 to CS6 (256 Mbytes for
CS6)
• Ability to select the data bus width (8, 16, or 32 bits) independently for each address space
2. Normal space interface
• Supports an interface for direct connection to SRAM
• Cycle wait function: Maximum of 31 wait states (maximum of seven wait states for page
access cycles)
• Wait control
 Ability to select the assert/negate timing for chip select signals
 Ability to select the assert/negate timing for the read strobe and write strobe signals
 Ability to select the data output start/end timing
 Ability to select the delay for chip select signals
• Write access modes: One-write strobe and byte-write strobe modes
• Page access mode: Support for page read and page write (64-bit, 128-bit, and 256-bit page
units)
3. SDRAM interface
• Ability to set SDRAM in up to two areas
• Refresh functions
 Auto-refresh (on-chip programmable refresh counter)
 Self-refresh
• Ability to select the access timing (support for low column latency, column latency, and low
active interval settings)
• Initialization sequencer function, power-down function, deep-power-down function, and mode
register setting function implemented on-chip
Figure 9.1 shows a block diagram of the BSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com