| Electronic Components Datasheet Search |
|
DS72011RB120FPV Datasheet(PDF) 233 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV Datasheet(HTML) 233 Page - Renesas Technology Corp |
|
233 / 1196 page ![]() Section 9 Bus State Controller (BSC) Rev. 2.00 Sep. 07, 2007 Page 205 of 1164 REJ09B0321-0200 9.3 Area Overview 9.3.1 Address Map In the architecture, this LSI has a 32-bit address space, which is divided into cache-enabled, cache-disabled, and on-chip spaces (on-chip RAM, on-chip peripheral modules, and reserved areas) according to the upper bits of the address. External address spaces CS5 to CS0 are cache-enabled when internal address A29 = 0 and cache- disabled when A29 = 1. The CS6 space is always cache-disabled. The kind of memory to be connected and the data bus width are specified independently for each partial space. The address map for the external address space is listed below. Table 9.2 Address Map Internal Address Space Memory to be Connected Cache H'00000000 to H'03FFFFFF CS0 Normal space H'04000000 to H'07FFFFFF CS1 Normal space H'08000000 to H'0BFFFFFF SDRAM0 SDRAM H'0C000000 to H'0FFFFFFF SDRAM1 SDRAM H'10000000 to H'13FFFFFF CS2 Normal space H'14000000 to H'17FFFFFF CS3 Normal space H'18000000 to H'1BFFFFFF CS4 Normal space H'1C000000 to H'1FFFFFFF CS5 Normal space Cache- enabled H'20000000 to H'23FFFFFF CS0 Normal space H'24000000 to H'27FFFFFF CS1 Normal space H'28000000 to H'2BFFFFFF SDRAM0 SDRAM H'2C000000 to H'2FFFFFFF SDRAM1 SDRAM H'30000000 to H'33FFFFFF CS2 Normal space H'34000000 to H'37FFFFFF CS3 Normal space H'38000000 to H'3BFFFFFF CS4 Normal space H'3C000000 to H'3FFFFFFF CS5 Normal space Cache- disabled |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |