Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 235Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 236Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 237Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 238Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 239Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 240Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 241Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 242Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 1196 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 211 of 1164
REJ09B0321-0200
9.4.2
CSn Recovery Cycle Setting Register (CSnREC) (n = 0 to 6)
CSnREC specifies the number of data recovery cycles to be inserted after read or write accesses.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
R
R
R
R
R/W
R/W
R/W
R/W
R
R
R
R
R/W
R/W
R/W
R/W
0000000000000000
RRRRRRRRRRRRRRRR
—
WRCV[3:0]
RRCV[3:0]
—
—
—
—
—
—
————
—————————————
Bit
Bit Name
Initial
Value
R/W
Description
31 to 28
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
27 to 24 WRCV[3:0]
0000
R/W
Post-Write Data Recovery Cycle Setting
These bits specify the number of data recovery cycles
to be inserted after write accesses to the external bus.
If a value other than 0 is selected, between 1 and 15
data recovery cycles are inserted when a write access
to the external bus is followed by a read access to the
external bus. (Data recovery cycles are inserted even
when access is performed sequentially to the same
CSC channel.) Note that if idle cycles occur between
accesses to the external bus, the number of data
recovery cycles inserted is reduced by the number of
idle cycles.
0000: 0 cycle
0001: 1 cycles
:
1111: 15 cycles
23 to 20
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com