Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 237Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 238Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 239Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 240Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 241Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 242Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 243Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 244Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 1196 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 213 of 1164
REJ09B0321-0200
9.4.3
SDRAMCm Control Register (SDCmCNT) (m = 0, 1)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit:
Initial value:
R/W:
0000000000000000
R
R
R
R
R
R
R
R
R
R
R/W
R/W
R
R
R
R/W
0000000000000000
RRRRRRRRRRRRRRRR
—
BSIZE[1:0]
EXENB
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
———
—
—
—
—
—
——
Bit
Bit Name
Initial
Value
R/W
Description
31 to 22
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
21, 20
BSIZE[1:0]
00
R/W
External Bus Width Select
These bits specify the width of the data bus for the
external device of the corresponding channel of CSC.
10: 8-bit bus
00: 16-bit bus
01: 32-bit bus
19 to 17
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
16
EXENB
0
R/W
Operation Enable
This bit enables or disables the operation for the
corresponding channel of CSC.
0: Operation disabled
1: Operation enabled
15 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
To disable the operation for each channel, forcibly write out data tentatively stored in internal
write buffer. The procedure is as follows:
1. Execute read access to the channel whose operation is to be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com