Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 241Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 242Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 243Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 244Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 245Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 246Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 247Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 248Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 1196 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 217 of 1164
REJ09B0321-0200
9.4.5
CSn Wait Control Register 1 (CS1WCNTn) (n = 0 to 6)
CS1WCNTn specifies the number of wait states inserted into the read/write cycle or page
read/page write cycle.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0001111100011111
R
R
R
R/W
R/W
R/W
R/W
R/W
R
R
R
R/W
R/W
R/W
R/W
R/W
0000011100000111
RRRRR
R/W
R/W
R/W
RRRRR
R/W
R/W
R/W
—
—
—
CSRWAIT[4:0]
—
—
—
CSWWAIT[4:0]
—
—
—
—
—
CSPRWAIT[2:0]
—
—
—
—
—
CSPWWAIT[2:0]
Bit
Bit Name
Initial
Value
R/W
Description
31 to 29
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
28 to 24 CSRWAIT
[4:0]
11111
R/W
Read Cycle Wait Select
These bits specify the number of wait states inserted
into the initial normal read cycle and page read cycle.
00000: 0 wait states
:
11111: 31 wait states
23 to 21
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
20 to 16 CSWWAIT
[4:0]
11111
R/W
Write Cycle Wait Select
These bits specify the number of wait states inserted
into the initial normal write cycle and page write cycle.
00000: 0 wait states
:
11111: 31 wait states
15 to 11
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com