| Electronic Components Datasheet Search |
|
DS72011RB120FPV Datasheet(PDF) 249 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV Datasheet(HTML) 249 Page - Renesas Technology Corp |
|
249 / 1196 page ![]() Section 9 Bus State Controller (BSC) Rev. 2.00 Sep. 07, 2007 Page 221 of 1164 REJ09B0321-0200 Bit Bit Name Initial Value R/W Description 6 to 4 CSWOFF [2:0] 000 R/W Write Operation CS Delay Cycle Select These bits specify the number of cycles from the end of the wait cycle during write access operation (negation of the WR3 to WR0 signals) and the negation of the CS6 to CS0 signal. 000: 0 wait state : 111: 7 wait states 3 0 R Reserved This bit is always read as 0. The write value should always be 0. 2 to 0 CSROFF [2:0] 111 R/W Read Operation CS Delay Cycle Select These bits specify the number of cycles from the end of the wait cycle during read access operation (negation of the RD signal) and the negation of the CS6 to CS0 signal. 000: 0 wait state : 111: 7 wait states Notes: 1. Select each wait cycle number or extended cycle number according the system configuration incorporated. 2. Writing to the CSn wait control register 2 (CS2WCNTn) must be done while CSC for the corresponding channel is disabled (EXENB = 0). Only channel 0 (CS0) can be enabled by setting EXENB = 1. To enable channel 0, stop the DMAC and set EXENB to 1 between the reset release and data write access to CS0. 3. Each bit must be set under the following restrictions. • When page access is disabled (PRENB, PWENB = 0) CSON ≤ min (CSRWAIT, CSWWAIT), WDON ≤ CSWWAIT WRON ≤ CSWWAIT, RDON ≤ CSRWAIT WDOFF ≤ CSWOFF • When page access is enabled (PRENB = 1 or PWENB = 1) In addition to the restrictions for disabled page access case, the following restrictions are required. CSON ≤ min (CSPRWAIT, CSPWWAIT) WRON ≤ CSPWWAIT, RDON ≤ CSPRWAIT WDON ≤ CSPWWAIT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |