Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 244Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 245Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 246Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 247Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 248Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 249Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 250Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 251Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 1196 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 220 of 1164
REJ09B0321-0200
Bit
Bit Name
Initial
Value
R/W
Description
22 to 20 WRON
[2:0]
000
R/W
WR Assert Wait Select
These bits specify the number of wait states inserted
before the external data write signal (
WR3 to WR0) is
asserted.
000: 0 wait state
:
111: 7 wait states
19
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
18 to 16 RDON
[2:0]
000
R/W
RD Assert Wait Select
These bits specify the number of wait states inserted
before the external data read signal (
RD) is asserted.
000: 0 wait state
:
111: 7 wait states
15 to 11
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
10 to 8
WDOFF
[2:0]
000
R/W
Write Data Output Delay Cycle Select
These bits specify the number of cycles from the end of
the wait cycle during write operation (negation of the
WR3 to WR0 signals) and the negation of the external
data bus.
000: 0 wait state
:
111: 7 wait states
7
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com