Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 242Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 243Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 244Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 245Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 246Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 247Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 248Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 249Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 1196 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 218 of 1164
REJ09B0321-0200
Bit
Bit Name
Initial
Value
R/W
Description
10 to 8
CSPRWAIT
[2:0]
111
R/W
Page Read Cycle Wait Select
These bits specify the number of wait states inserted
into the second and subsequent page read cycles. This
setting is valid when the page read access enable bit
(PRENB) is set to 1.
000: 0 wait state
:
111: 7 wait states
7 to 3
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2 to 0
CSPWWAIT
[2:0]
111
R/W
Page Write Cycle Wait Select
These bits specify the number of wait states inserted
into the second and subsequent page write cycles.
This setting is valid when the page write access enable
bit (PWENB) is set to 1.
000: 0 wait state
:
111: 7 wait states
Notes: 1. Make sure the page read and page write cycle wait select (CSPRWAIT and
CSPWWAIT) settings are within the range defined by the read and write cycle wait
select (CSRWAIT and CSWWAIT) settings. Select each wait cycle number according
the system configuration incorporated.
2. Writing to the CSn wait control register 1 (CS1WCNTn) must be done while CSC for the
corresponding channel is disabled (EXENB
= 0). Only channel 0 (CS0) can be enabled
by setting EXENB = 1. To enable channel 0, stop the DMAC and set EXENB to 1
between the reset release and data write access to CS0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com