Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 251Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 252Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 253Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 254Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 255Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 256Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 257Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 258Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 1196 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 227 of 1164
REJ09B0321-0200
9.4.10
SDRAM Initialization Register 1 (SDIR1)
SDIR1 controls activation of the SDRAM initialization sequence.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
RRRRRRRRRRRRRRR
R/W
0000000000000000
RRRRRRRRRRRRRRR
R/W
—
DIN
IST
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
DIN
IRQ
Bit
Bit Name
Initial
Value
R/W
Description
31 to 17
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
16
DINIST
0
R/W
Initialization Status
When set to 1, this bit indicates that an SDRAM
initialization sequence is in progress for channel
SDRAM0 or SDRAM1.
0: Initialization sequence not progress
1: Initialization sequence in progress
15 to 1
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
0
DINIRQ
0
R/W
Common Initialization Sequence Start
Setting this bit to 1 causes the SDRAM initialization
sequence to start and automatically sets the
initialization status bit (DINIST) to 1. The initialization
status bit (DINIST) is cleared automatically after the
initialization sequence ends. The value written to the
DINIRQ bit is not retained.
0: Invalid
1: Initialization sequence start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com