Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 258 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 258 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 254Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 255Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 256Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 257Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 258Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 259Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 260Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 261Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 1196 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 230 of 1164
REJ09B0321-0200
9.4.13
SDRAMm Address Register (SDmADR) (m = 0, 1)
SDmADR specifies the data bus width and the channel size of SDRAM.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
RRRRRRRRRRRRRRRR
000000
—
—
00000
—
—
—
RRRRRR
R/W
R/W
RRRRR
R/W
R/W
R/W
—
—
—
—
—
—
—
—
—
—
—
——————
————
—
—
————
DDBW[1:0]
DSZ[2:0]
Bit
Bit Name
Initial
Value
R/W
Description
31 to 10
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
9, 8
DDBW[1:0] Undefined
R/W
SDRAM Data Bit Width Setting
These bits specify the width of the SDRAM bus.
00: 8 bits
01: 16 bits
10: 32 bits
11: Setting prohibited
7 to 3
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2 to 0
DSZ[2:0]
Undefined
R/W
Channel Size Setting
These bits specify the size of channels 0 and 1. If a
size smaller than SDRAM area 0 or 1 is selected, ghost
memory will result. When accessing 32-bit data in
SDRAM with a 16-bit bus width, the 16 bits of the first
half of the address (A1 = 0) are accessed first, and
then the 16 bits of the second half of the address (A1 =
1) are accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com