Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 260 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 260 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 256Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 257Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 258Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 259Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 260Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 261Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 262Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 263Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 264Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 1196 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 232 of 1164
REJ09B0321-0200
Bit
Bit Name
Initial
Value
R/W
Description
11 to 9
DPCG[2:0] Undefined
R/W
Row Precharge Interval Setting
These bits specify the minimum number of cycles that
must elapse between the SDRAM deactivation
command (PRA) and the next valid command.
000: 1 cycles
:
111: 8 cycles
8
DWR
0
R/W
Write Recovery Interval Setting
This bit specifies the minimum interval that must elapse
between the SDRAM write command (WRITE) and
deactivation (PRA).
0: 1 cycles
1: 2 cycles
7 to 3
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2 to 0
DCL[2:0]
Undefined
R/W
SDRAM Controller Column Latency Setting
These bits specify the column latency of the SDRAM
controller. This setting only affects the latency setting
on the SDRAM controller side. To specify the column
latency for externally connected SDRAM it is
necessary to use the separate SDRAMm mode register
(SDmMOD), which is described below.
000: Setting prohibited
001: 1 cycles
010: 2 cycles
011: 3 cycles
1xx: Setting prohibited
[Legend]
x: Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com