Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 261 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 261 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 257Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 258Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 259Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 260Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 261Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 262Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 263Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 264Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 265Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 1196 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 233 of 1164
REJ09B0321-0200
9.4.15
SDRAMm Mode Register (SDmMOD) (m = 0, 1)
SDmMOD specifies the values to be written to the SDRAM mode register or extended mode
register. Writing to this register causes a mode register set command or extended mode register set
command to be issued automatically to SDRAM.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
RRRRRRRRRRRRRRRR
0
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
————————————————
———————————————
—
DMR[14:0]
Bit
Bit Name
Initial
Value
R/W
Description
31 to 15
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
14 to 0
DMR[14:0] Undefined
R/W
Mode Register Setting
Writing to these bits causes a mode register set
command or extended mode register set command to
be issued to SDRAM. The setting of the DMR bits is
output as A16 to A2 signals. The distinction between
the mode register set command and extended mode
register set command is made on the bases of the
SDRAM bank address.
Write operation: A mode register set command is
issued.
DMR bit
b14
b13
...
b0
↓
↓
↓
A16 to A2 signal
A16
A15
...
A2
Notes: The following points should be kept in mind regarding SDRAMm mode register settings.
1. Make sure to set a burst length of 1 for SDRAM. Operation cannot be guaranteed with
settings other than burst length 1.
2. The SDRAM column latency must match the setting of the SDRAM controller column
latency setting bits (DCL) in SDRAMC. Operation cannot be guaranteed if the latency
settings do not agree.
3. Check to make sure the status bits (DSRFST, DPWDST, DDPDST, and DMRSST) in
the SDRAM status register (SDSTR) are all cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com