Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 309Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 310Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 311Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 312Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 313Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 314Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 315Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 316Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 1196 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 285 of 1164
REJ09B0321-0200
9.6
Usage Note
9.6.1
Note on Power-on Reset Exception Handling and Deep Standby Mode Cancellation
When writing to the external address space or making SDRAM settings in power-on reset
exception handling or cancellation of deep standby mode, be sure to set bits ACOSW[3:0] in
ACSWR to B'0011 beforehand.
9.6.2
Write Buffer
In write access to normal or SDRAM space, the write data are stored once in the internal write
buffer of the BSC, and only after that does actual writing to the device (external device) connected
in the normal or SDRAM space proceed. Since writing from the write buffer to the external device
is performed automatically, no processing by software is necessary.
However, care must be taken on the following point. Write access from the CPU or DMAC
appears complete at the point where the data are stored in the above write buffer. That is, at the
point where the write access from the CPU or DMA controller has been completed, writing to the
external device might not have been completed. To confirm the completion of writing to the
external device, dummy read the normal or SDRAM space. Completion of the dummy-read
operation guarantees the completion of writing to the external device in response to previous write
access. The target address for the dummy read operation does not have to be in the same device as
the target for write access. Furthermore, it does not have to be in the same space.
9.6.3
Note on Transition to Software Standby Mode or Deep Standby Mode
When a transition to software standby mode or deep standby mode is made after write access to
the normal or SDRAM space, there is a possibility that data remains in the internal write buffer of
the BSC. To confirm that no data remain in the write buffer, execute a dummy read of the external
device in the same way as described above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com