Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS72011RB120FPV Datasheet(PDF) 316 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 316 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 312Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 313Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 314Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 315Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 316Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 317Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 318Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 319Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 320Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 1196 page
background image
Section 10 Bus Monitor
Rev. 2.00 Sep. 07, 2007 Page 288 of 1164
REJ09B0321-0200
10.1.1
Bus Monitor Enable Register (SYCBEEN)
SYCBEEN clears the bus monitor status register and controls the detection function.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9876543210
Bit:
Initial value:
R/W:
0000000000000000
R/W
RRRRRRRRRRRR
R/W
R/W
R
0000000000000000
RRRRRRRRRRRRRRRR
STS
CLR
—
TOEN IGAEN
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
——
—————
Bit
Bit Name
Initial
Value
R/W
Description
31
STSCLR
0
R/W
Status Clear
Writing 1 to this bit clears the bus monitor status
register. Writing 0 or reading data has no effect.
0: Invalid
1: Bus monitor status register cleared
30 to 19
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
18
TOEN
0
R/W
Timeout Detection Enable
This bit enables or disables the function that detects a
bus timeout on each bus.
0: Bus timeout detection function disabled
1: Bus timeout detection function enabled
17
IGAEN
0
R/W
Illegal Address Access Detection Enable
This bit enables or disables the function that detects an
illegal address access on each bus.
0: Illegal address access detection function disabled
1: Illegal address access detection function enabled
16 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
Note:
When a bus access is performed with the detection function disabled (TOEN
= 0), the bus
may freeze.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com