Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 343 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 343 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 339Page - Renesas Technology Corp H8/3022 Datasheet HTML 340Page - Renesas Technology Corp H8/3022 Datasheet HTML 341Page - Renesas Technology Corp H8/3022 Datasheet HTML 342Page - Renesas Technology Corp H8/3022 Datasheet HTML 343Page - Renesas Technology Corp H8/3022 Datasheet HTML 344Page - Renesas Technology Corp H8/3022 Datasheet HTML 345Page - Renesas Technology Corp H8/3022 Datasheet HTML 346Page - Renesas Technology Corp H8/3022 Datasheet HTML 347Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 712 page
background image
10. Watchdog Timer
Rev.2.00 Mar. 22, 2007 Page 319 of 684
REJ09B0352-0200
10.2.2
Timer Control/Status Register (TCSR)
TCSR is an 8-bit readable and writable*
1 register. Its functions include selecting the timer mode
and clock source.
Bit
Initial value
Read/Write
7
OVF
0
R/(W)
6
WT/
IT
0
R/W
5
TME
0
R/W
4
—
1
—
3
—
1
—
0
CKS0
0
R/W
2
CKS2
0
R/W
1
CKS1
0
R/W
Overflow flag
Status flag indicating overflow
Clock select
These bits select the
TCNT clock source
Timer mode select
Selects the mode
Timer enable
Selects whether TCNT runs or halts
Reserved bits
*2
Bits 7 to 5 are initialized to 0 by a reset and in standby mode. Bits 2 to 0 are initialized to 0 by a
reset. In software standby mode bits 2 to 0 are not initialized, but retain their previous values.
Notes: 1. TCSR is write-protected by a password. For details see section 10.2.4, Notes on
Register Access.
2. Only 0 can be written to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com