Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 345 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 345 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 341Page - Renesas Technology Corp H8/3022 Datasheet HTML 342Page - Renesas Technology Corp H8/3022 Datasheet HTML 343Page - Renesas Technology Corp H8/3022 Datasheet HTML 344Page - Renesas Technology Corp H8/3022 Datasheet HTML 345Page - Renesas Technology Corp H8/3022 Datasheet HTML 346Page - Renesas Technology Corp H8/3022 Datasheet HTML 347Page - Renesas Technology Corp H8/3022 Datasheet HTML 348Page - Renesas Technology Corp H8/3022 Datasheet HTML 349Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 712 page
background image
10. Watchdog Timer
Rev.2.00 Mar. 22, 2007 Page 321 of 684
REJ09B0352-0200
Bits 2 to 0—Clock Select 2 to 0 (CKS2/1/0): These bits select one of eight internal clock sources,
obtained by prescaling the system clock (
φ), for input to TCNT.
Bit 2
CKS2
Bit 1
CKS1
Bit 0
CKS0
Description
0
0
0
φ/2
(Initial value)
1
φ/32
1
0
φ/64
1
φ/128
1
0
0
φ/256
1
φ/512
1
0
φ/2048
1
φ/4096
10.2.3
Reset Control/Status Register (RSTCSR)
RSTCSR is an 8-bit readable and writable*
1 register that indicates when a reset signal has been
generated by watchdog timer overflow, and controls external output of the reset signal.
Bit
Initial value
Read/Write
7
WRST
0
R/(W)
6
RSTOE
0
R/W
5
—
1
—
4
—
1
—
3
—
1
—
0
—
1
—
2
—
1
—
1
—
1
—
*
Watchdog timer reset
Indicates that a reset signal has been generated
Reserved bits
Reset output enable*3
Enables or disables external output of the reset signal
2
Bits 7 and 6 are initialized by input of a reset signal at the
RES pin. They are not initialized by
reset signals generated by watchdog timer overflow.
Notes: 1. RSTCSR is write-protected by a password. For details see section 10.2.4, Notes on
Register Access.
2. Only 0 can be written in bit 7 to clear the flag.
3. With the mask ROM version, enable and disable can be set. With the F-ZTAT version,
do not set enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com