Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 349 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 349 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 345Page - Renesas Technology Corp H8/3022 Datasheet HTML 346Page - Renesas Technology Corp H8/3022 Datasheet HTML 347Page - Renesas Technology Corp H8/3022 Datasheet HTML 348Page - Renesas Technology Corp H8/3022 Datasheet HTML 349Page - Renesas Technology Corp H8/3022 Datasheet HTML 350Page - Renesas Technology Corp H8/3022 Datasheet HTML 351Page - Renesas Technology Corp H8/3022 Datasheet HTML 352Page - Renesas Technology Corp H8/3022 Datasheet HTML 353Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 712 page
background image
10. Watchdog Timer
Rev.2.00 Mar. 22, 2007 Page 325 of 684
REJ09B0352-0200
10.3
Operation
Operations when the WDT is used as a watchdog timer and as an interval timer are described
below.
10.3.1
Watchdog Timer Operation
Figure 10.4 illustrates watchdog timer operation. To use the WDT as a watchdog timer, set the
WT/
IT and TME bits to 1 in TCSR. Software must prevent TCNT overflow by rewriting the
TCNT value (normally by writing H'00) before overflow occurs. If TCNT fails to be rewritten and
overflows due to a system crash etc., the H8/3022 Group is internally reset for a duration of 518
states.
The watchdog reset signal can be externally output from the
RESO pin* to reset external system
devices. The reset signal is output externally for 132 states. External output can be enabled or
disabled by the RSTOE bit in RSTCSR.
A watchdog reset has the same vector as a reset generated by input at the
RES pin. Software can
distinguish a
RES reset from a watchdog reset by checking the WRST bit in RSTCSR.
If a
RES reset and a watchdog reset occur simultaneously, the RES reset takes priority.
Note: * Mask ROM version.
Since the
RES pin is a dedicated FWE input pin with the F-ZTAT version, the reset
signal cannot be output to the outside.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com