Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 343Page - Renesas Technology Corp H8/3022 Datasheet HTML 344Page - Renesas Technology Corp H8/3022 Datasheet HTML 345Page - Renesas Technology Corp H8/3022 Datasheet HTML 346Page - Renesas Technology Corp H8/3022 Datasheet HTML 347Page - Renesas Technology Corp H8/3022 Datasheet HTML 348Page - Renesas Technology Corp H8/3022 Datasheet HTML 349Page - Renesas Technology Corp H8/3022 Datasheet HTML 350Page - Renesas Technology Corp H8/3022 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 712 page
background image
10. Watchdog Timer
Rev.2.00 Mar. 22, 2007 Page 323 of 684
REJ09B0352-0200
10.2.4
Notes on Register Access
The watchdog timer’s TCNT, TCSR, and RSTCSR registers differ from other registers in being
more difficult to write. The procedures for writing and reading these registers are given below.
Writing to TCNT and TCSR: These registers must be written by a word transfer instruction.
They cannot be written by byte instructions. Figure 10.2 shows the format of data written to
TCNT and TCSR. TCNT and TCSR both have the same write address. The write data must be
contained in the lower byte of the written word. The upper byte must contain H'5A (password for
TCNT) or H'A5 (password for TCSR). This transfers the write data from the lower byte to TCNT
or TCSR.
15
8 7
0
H'5A
Write data
Address
H'FFA8 *
15
8 7
0
H'A5
Write data
Address
H'FFA8 *
TCNT write
TCSR write
Note: * Lower 16 bits of the address.
Figure 10.2 Format of Data Written to TCNT and TCSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com