Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 397 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 397 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 393Page - Renesas Technology Corp H8/3022 Datasheet HTML 394Page - Renesas Technology Corp H8/3022 Datasheet HTML 395Page - Renesas Technology Corp H8/3022 Datasheet HTML 396Page - Renesas Technology Corp H8/3022 Datasheet HTML 397Page - Renesas Technology Corp H8/3022 Datasheet HTML 398Page - Renesas Technology Corp H8/3022 Datasheet HTML 399Page - Renesas Technology Corp H8/3022 Datasheet HTML 400Page - Renesas Technology Corp H8/3022 Datasheet HTML 401Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 373 of 684
REJ09B0352-0200
Transmitting and Receiving Data
Transmitting Multiprocessor Serial Data: Figure 11.10 shows a sample flowchart for
transmitting multiprocessor serial data and indicates the procedure to follow.
No
No
No
No
Yes
Yes
Yes
Yes
Initialize
Start transmitting
Read TDRE flag in SSR
TDRE = 1?
Write transmit data in
TDR and set MPBT bit in SSR
Clear TDRE flag to 0
All data transmitted?
Read TEND flag in SSR
TEND = 1?
1
2
3
4
1.
2.
3.
4.
SCI initialization: the transmit data
output function of the TxD pin is
selected automatically.
SCI status check and transmit data
write: read SSR, check that the TDRE
flag is 1, then write transmit
data in TDR. Also set the MPBT flag to
0 or 1 in SSR. Finally, clear the TDRE
flag to 0.
To continue transmitting serial data:
after checking that the TDRE flag is 1,
indicating that data can be written,
write data in TDR, then clear the TDRE
flag to 0.
To output a break signal at the end of
serial transmission: set the DDR bit to
1 and clear the DR bit to 0 (DDR and
DR are I/O port registers), then clear
the TE bit to 0 in SCR.
Output break signal?
Clear DR bit to 0, set DDR bit to 1
Clear TE bit to 0 in SCR
End
Figure 11.10 Sample Flowchart for Transmitting Multiprocessor Serial Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com