Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3022 Datasheet(PDF) 398 Page - Renesas Technology Corp

Part # H8/3022
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3022 Datasheet(HTML) 398 Page - Renesas Technology Corp

Back Button H8/3022 Datasheet HTML 394Page - Renesas Technology Corp H8/3022 Datasheet HTML 395Page - Renesas Technology Corp H8/3022 Datasheet HTML 396Page - Renesas Technology Corp H8/3022 Datasheet HTML 397Page - Renesas Technology Corp H8/3022 Datasheet HTML 398Page - Renesas Technology Corp H8/3022 Datasheet HTML 399Page - Renesas Technology Corp H8/3022 Datasheet HTML 400Page - Renesas Technology Corp H8/3022 Datasheet HTML 401Page - Renesas Technology Corp H8/3022 Datasheet HTML 402Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 374 of 684
REJ09B0352-0200
In transmitting serial data, the SCI operates as follows.
• The SCI monitors the TDRE flag in SSR. When the TDRE flag is cleared to 0 the SCI
recognizes that TDR contains new data, and loads this data from TDR into TSR.
• After loading the data from TDR into TSR, the SCI sets the TDRE flag to 1 and starts
transmitting. If the TIE bit in SCR is set to 1, the SCI requests a transmit-data-empty interrupt
(TXI) at this time.
Serial transmit data is transmitted in the following order from the TxD pin:
⎯ Start bit:
One 0 bit is output.
⎯ Transmit data:
7 or 8 bits are output, LSB first.
⎯ Multiprocessor bit: One multiprocessor bit (MPBT value) is output.
⎯ Stop bit:
One or two 1 bits (stop bits) are output.
⎯ Mark state:
Output of 1 bits continues until the start bit of the next transmit data.
• The SCI checks the TDRE flag when it outputs the stop bit. If the TDRE flag is 0, the SCI
loads data from TDR into TSR, outputs the stop bit, then begins serial transmission of the next
frame. If the TDRE flag is 1, the SCI sets the TEND flag in SSR to 1, outputs the stop bit, then
continues output of 1 bits in the mark state. If the TEIE bit is set to 1 in SCR, a transmit-end
interrupt (TEI) is requested at this time.
Figure 11.11 shows an example of SCI transmit operation using a multiprocessor format.
1
Start
bit
0
D0
D1
D7
0/1
Stop
bit
1
Data
Multi-
processor
bit
Start
bit
0
D0
D1
D7
0/1
Stop
bit
1
Data
1
Idle (mark)
state
TDRE
TEND
TXI
request
TXI interrupt handler
writes data in TDR and
clears TDRE flag to 0
TXI
request
1 frame
TEI request
Serial
data
Multi-
processor
bit
Figure 11.11 Example of SCI Transmit Operation
(8-Bit Data with Multiprocessor Bit and One Stop Bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com